|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APM4240K N-Channel Enhancement Mode MOSFET Features * * * * * * 25V/15A, RDS(ON)=4.5m(typ.) @ VGS=10V RDS(ON)=6.5m(typ.) @ VGS=4.5V Super High Dense Cell Design Avalanche Rated Reliable and Rugged SOP-8 Package Lead Free Available (RoHS Compliant) Pin Description D D D D S S S G Top View of SOP - 8 ( 5,6,7,8 ) D D DD Applications * Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems (4) G SSS (1, 2, 3) N-Channel MOSFET Ordering and Marking Information APM4240 Lead Free Code Handling Code Tem p. Range Package Code Package Code K : SO P-8 O perating Junction Tem p. Range C : -55 to 150C Handling Code TU : Tube TR : Tape & Reel Lead Free Code L : Lead Free Device Blank : Original Device XXXXX - Date Code APM4240 K : APM4240 XXXXX Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature. ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 1 www.anpec.com.tw APM4240K Absolute Maximum Ratings Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA* Note: *Surface Mounted on 1in pad area, t 10sec. 2 (TA = 25C unless otherwise noted) Rating 25 20 VGS=10V 15 60 3.6 150 -55 to 150 TA=25C TA=100C 2 0.8 62.5 W C/W A C V A Unit Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient Electrical Characteristics Symbol Parameter (TA = 25C unless otherwise noted) Test Condition APM4240K Min. Typ. Max. 45 25 1 30 1.3 2 4.5 6.5 9 0.7 38 VDS=10V, VGS=4.5V, IDS=15A 13 17 2.5 100 6 8 m 12.5 1.3 50 nC V Unit Drain-Source Avalanche Ratings EAS Avalanche Energy, Single Pulsed Static Characteristics BVDSS Drain-Source Breakdown Voltage IDSS VGS(th) IGSS Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current ID=20A, VDD=15V VGS=0V, IDS=250A VDS=20V, VGS=0V TJ=85C VDS=VGS, IDS=250A VGS=20V, VDS=0V VGS=10V, IDS=15A VGS=4.5V, IDS=10A VGS=4.5V, IDS=10A, TJ=125C mJ V A V nA RDS(ON) a Drain-Source On-state Resistance VSD a Diode Forward Voltage b ISD=3.6A, VGS=0V Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge Gate-Source Charge Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 2 www.anpec.com.tw APM4240K Electrical Characteristics (Cont.) Symbol Parameter b (TA = 25C unless otherwise noted) APM4240K Min. Typ. 1 4340 920 670 18 34 39 130 40 ns 21 85 25 pF Max. Test Condition Unit Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf Notes: VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=15V, Frequency=1.0MHz VDD=15V, RL=15, IDS=1A, VGEN=10V, RG=6 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing. Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 3 www.anpec.com.tw APM4240K Typical Characteristics Power Dissipation 2.5 18 Drain Current 2.0 15 ID - Drain Current (A) Ptot - Power (W) 12 1.5 9 1.0 6 0.5 3 TA=25 C 0 20 40 60 80 100 120 140 160 o 0.0 0 TA=25 C,VG=10V 0 20 40 60 80 100 120 140 160 o Tj - Junction Temperature (C) Tj - Junction Temperature (C) Safe Operation Area Normalized Transient Thermal Resistance 100 im it Thermal Transient Impedance 2 1 Duty = 0.5 0.2 on )L 300s 1ms ID - Drain Current (A) 10 Rd s( 10ms 0.1 0.05 0.02 0.01 0.1 1 100ms 1s 0.01 Single Pulse 0.1 DC 0.01 0.01 TA=25 C 0.1 1 10 100 o 1E-3 1E-4 Mounted on 1in pad o RJA : 62.5 C/W 2 1E-3 0.01 0.1 1 10 30 VDS - Drain-Source Voltage (V) Square Wave Pulse Duration (sec) Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 4 www.anpec.com.tw APM4240K Typical Characteristics (Cont.) Output Characteristics 60 VGS= 4,5,6,7,8,9,10V 3V 12 Drain-Source On Resistance 40 RDS(ON) - On - Resistance (m) 50 10 ID - Drain Current (A) 8 VGS=4.5V 6 VGS=10V 4 30 20 2.5V 10 2V 0 0.0 0.2 0.4 0.6 0.8 1.0 2 0 0 10 20 30 40 50 60 VDS - Drain-Source Voltage (V) ID - Drain Current (A) Transfer Characteristics 60 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 Gate Threshold Voltage IDS =250A 50 40 30 Tj=125 C o 20 Tj=25 C 10 o Tj=-55 C o Normalized Threshold Voltage 4 ID - Drain Current (A) 0 1 2 3 0.0 -50 -25 0 25 50 75 100 125 150 VGS - Gate-Source Voltage (V) Tj - Junction Temperature (C) Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 5 www.anpec.com.tw APM4240K Typical Characteristics (Cont.) Drain-Source On Resistance 1.8 VGS = 10V 1.6 IDS = 15A Tj=150 C o Source-Drain Diode Forward 60 Normalized On Resistance 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 RON@Tj=25 C: 4.5m 0 25 50 75 100 125 150 o IS - Source Current (A) 10 Tj=25 C o 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Tj - Junction Temperature (C) VSD - Source-Drain Voltage (V) Capacitance 8000 Frequency=1MHz 7000 9 10 VDS= 15V ID= 15A Gate Charge VGS - Gate-source Voltage (V) 25 8 7 6 5 4 3 2 1 6000 C - Capacitance (pF) 5000 Ciss 4000 3000 2000 Coss 1000 0 Crss 0 5 10 15 20 0 0 10 20 30 40 50 60 70 80 VDS - Drain-Source Voltage (V) QG - Gate Charge (nC) Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 6 www.anpec.com.tw APM4240K Avalanche Test Circuit and Waveforms V DS L DUT IA S RG V DD tp V D SX(SU S) V DS V DD tp IL 0.0 1 tAV EA S Switching Time Test Circuit and Waveforms V DS RD DUT V RG V DD 10% tp V DS 90% GS V GS t d (on) t r t d (off) t f Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 7 www.anpec.com.tw APM4240K Packaging Information SOP-8 pin ( Reference JEDEC Registration MS-012) E H e1 D e2 A1 A 1 L 0.004max. Dim A A1 D E H L e1 e2 1 Mi ll im et er s Min. 1. 35 0. 10 4. 80 3. 80 5. 80 0. 40 0. 33 1. 27B S C 8 Max . 1. 75 0. 25 5. 00 4. 00 6. 20 1. 27 0. 51 Min. 0. 053 0. 004 0. 189 0. 150 0. 228 0. 016 0. 013 0.015X45 Inche s Max . 0. 069 0. 010 0. 197 0. 157 0. 244 0. 050 0. 020 0. 50B S C 8 Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 8 www.anpec.com.tw APM4240K Physical Specifications Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. Reflow Condition TP (IR/Convection or VPR Reflow) tp C ritical Zone T L to T P R am p-up T e m p e ra tu re TL T sm ax tL T sm in R am p-down ts Preheat 25 t 25 C to Peak T im e Classification Reflow Profiles Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Time maintained above: - Temperature (TL) - Time (tL) Peak/Classificatioon Temperature (Tp) Time within 5C of actual Peak Temperature (tp) Ramp-down Rate Sn-Pb Eutectic Assembly 3C/second max. 100C 150C 60-120 seconds 183C 60-150 seconds See table 1 10-30 seconds Pb-Free Assembly 3C/second max. 150C 200C 60-180 seconds 217C 60-150 seconds See table 2 20-40 seconds 6C/second max. 6C/second max. 6 minutes max. 8 minutes max. Time 25C to Peak Temperature Notes: All temperatures refer to topside of the package .Measured on the body surface. Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 9 www.anpec.com.tw APM4240K Classification Reflow Profiles(Cont.) Table 1. SnPb Entectic Process - Package Peak Reflow Tem peratures 3 3 Package Thickness Volum e m m Volum e m m <350 350 <2.5 m m 240 +0/-5C 225 +0/-5C 2.5 m m 225 +0/-5C 225 +0/-5C Table 2. Pb-free Process - Package Classification Reflow Tem peratures 3 3 3 Package Thickness Volum e mm Volum e mm Volum e mm <350 350-2000 >2000 <1.6 m m 260 +0C* 260 +0C* 260 +0C* 1.6 m m - 2.5 m m 260 +0C* 250 +0C* 245 +0C* 2.5 m m 250 +0C* 245 +0C* 245 +0C* *Tolerance: The device m anufacturer/supplier shall assure process com patibility up to and including the stated classification tem perature (this m eans Peak reflow tem perature +0C. For exam ple 260C+0C) at the rated MSL level. Reliability Test Program Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles Carrier Tape & Reel Dimensions t E Po P P1 D F W Bo Ao D1 Ko Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 10 www.anpec.com.tw APM4240K Carrier Tape & Reel Dimensions(Cont.) T2 J C A B T1 Application A 3301 B 62 1.5 C 12.75 + 0.1 5 J 2 + 0.5 T1 12.4 +0.2 T2 2 0.2 Ao 6.4 0.1 W 12 + 0.3 - 0.1 Bo 5.2 0.1 P 8 0.1 E 1.75 0.1 SOP-8 F D D1 Po P1 5.5 0.1 1.550.1 1.55+ 0.25 4.0 0.1 2.0 0.1 Ko t 2.1 0.1 0.30.013 (mm) Cover Tape Dimensions Application SOP- 8 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 2500 Customer Service Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369 Copyright ANPEC Electronics Corp. Rev. B.2 - Apr., 2005 11 www.anpec.com.tw |
Price & Availability of APM4240KC-TR |